Part Number Hot Search : 
24D300 KTC319 SM350A CZRA1140 SR2030 KTC319 P4N100 TS79M15
Product Description
Full Text Search
 

To Download M24758-10-16-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conduit & Accessories
M24758/10 Adapter for Triaxial Connectors
M24758/10-16-01-01-A
Basic Part No. Conduit Size Code (See Table I) A-Thread Code (See Table II) Material Designator: A = Aluminum B = Brass C = CRES 316 Style Designator
A Thread (Code 01, 02)
H H L E L
D Dia
FK Dia Dia
D Dia
F
K
N
C Thread Straight Knurl, Medium Coarse A Thread (Code 03, 04) .25 (6.4)
C Thread Str. Knurl (Medium Coarse)
STYLE 01 ADAPTER WITH INTERNAL "A" THREAD
STYLE 02 ADAPTER WITH EXTERNAL "A" THREAD
1. The M24758/10 adapter couples triaxial connectors to M24758/2, M24758/3 or M24758/4 fittings. 2. Metric dimensions (mm) are indicated in parentheses. 3. For complete dimensions see applicable Military Specification.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 71-14 www.glenair.com E-Mail: sales@glenair.com
M24758/10 Adapter for Triaxial Connectors
TABLE I
Conduit Size Code 02 03 04 05 06 08 10 12 16 20 24 C Thread (Class 2A) 0.438 - 28 UNEF 0.563 - 24 UNEF 0.688 - 24 UNEF 0.813 - 20 UNEF 0.938 - 20 UNEF 1.250 - 18 UNEF 1.563 - 18 UNEF 1.875 - 16 UN 2.375 - 16 UN 2.875 - 16 UN 3.375 - 16 UN L .02 .210 .250 .250 .310 .310 .370 .370 .430 .430 .430 .430 (.5) (5.3) (6.4) (6.4) (7.9) (7.9) (9.4) (9.4) (10.9) (10.9) (10.9) (10.9) K Dia Min. .250 (6.4) .370 (9.4) .500 (12.7) .620 (15.7) .750 (19.1) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) 2.000 (50.8) 2.500 (63.5) 3.000 (76.2) N Dia .02 (.5) .687 (17.4) .812 (20.6) .937 (23.8) 1.062 (27.0) 1.187 (30.1) 1.500 (38.1) 1.812 (46.0) 2.125 (54.0) 2.625 (66.7) 3.125 (79.4) 3.625 (92.1)
TABLE II (MIL-DTL-5015 Connector Code)
Connector Part Number D F N A Formerly Dia E Dia Dia Thread A Min. Min. Min. .02 (.5) Code ITT/Cannon Gremar Thread 152105-2380 5633 .875 (22.2) -.297 (7.5) .562 (14.3) 01 0.750 - 16 UNF Class 2B 152100-2390 7991 -.515 (13.1) .500 (12.7) 02 0.875 - 20 UNEF 1.000 (25.4) Class 2B 152190-0000 16312 1.063 - 18 UNEF .922 (23.4) .187 (4.7) .564 (14.3) .312 (7.9) 03 Class 2A 04 11865 1.063 - 18 UNEF Class 2A OD .02 (.5) Type RG-233/U .216 (5.5) RG-58C/U .195 (5.0) RG-214/U .425 (10.8) RG-98/U .420 (10.7) RG-14A/U .545 (13.8) RE-293A/U .545 (13.8) .500 (12.7) *TRF-8 RG-14A/U .545 (13.8) .922 (23.4) .227 (5.8) .564 (14.3) .335 (8.5) RE-293A/U .545 (13.8) .500 (12.7) *TRF-8
Cable Reference
* Times Wire and Cable Co.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 71-15 www.glenair.com E-Mail: sales@glenair.com
Conduit & Accessories


▲Up To Search▲   

 
Price & Availability of M24758-10-16-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X